PART |
Description |
Maker |
XL4013E1 |
4A 180KHz 36V Buck DC to DC Converter
|
List of Unclassifed Man...
|
MAX16956AUBAT |
36V, 300mA, Mini Buck Converter with 1.1µA IQ
|
MAXIM - Dallas Semiconductor
|
BD9E100FJ-LBGE2 |
7.0V to 36V Input, 1.0 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
|
ROHM
|
BD9E301EFJ-LBH2 |
7.0V to 36V Input, 2.5A Integrated MOSFET Single Synchronous Buck DC/DC Converter
|
Rohm
|
LM20343 |
<font color=red>[Old version datasheet]</font> 36V, 3A Adjustable Frequency Synchronous Buck Regulator
|
TI store
|
MMBZ52 MMBZ5235 MMBZ5250 MMBZ5243 MMBZ5256 MMBZ525 |
SURFACE MOUNT ZENER DIODES/SOT-23 2-36V Dual Comparator, Ta = -40 to 105°C - Pb-free; Package: Micro8™; No of Pins: 8; Container: Tape and Reel; Qty per Container: 4000 3A, 15V, 52kHz Buck PWM Switching Regulator; Package: TO-220 5 LEAD STANDARD; No of Pins: 5; Container: Rail; Qty per Container: 50 3A, Adjustable Output Voltage 1.23 to 37V, 52kHz Buck PWM Switching Regulator; Package: 5 LEAD D2PAK; No of Pins: 5; Container: Rail; Qty per 3-36V Quad Comparator, Ta = -40 to 125°C; Package: PDIP-14; No of Pins: 14; Container: Rail; Qty per Container: 500 表面贴装稳压DIODES/SOT-23 100mA, Adjustable Output 3 to 24V, LDO Voltage Regulator with 60V Load Dump Protection; Package: TO-220 5 LEAD OFFSET; No of Pins: 5; Container: Rail; Qty per Container: 50
|
JGD[Jinan Gude Electronic Device] 济南固锝电子器件有限公司 Jinan Gude Electronic Device Co., Ltd. 娴???洪??靛??ㄤ欢??????
|
LT8619 LT8610 LT8610A LT8610AB LT8610AC LT8611 LT8 |
60V, 1.2A Synchronous Monolithic Buck Regulator with 6μA Quiescent Current
|
Linear Technology
|
LT3640EFEPBF LT3640IFEPBF LT3640 LT3640EFE LT3640E |
Dual Monolithic Buck Regulator with Power-On Reset and Watchdog Timer
|
Linear Technology
|
LT3640-15 |
Dual Monolithic Buck Regulator with Power-On Reset and Watchdog Timer
|
Linear Technology
|
PE99155 |
Radiation Hardened UltraCMOS Monolithic Point-of-Load Synchronous Buck Regulator with Integrated Switches
|
Peregrine Semiconductor
|